PART |
Description |
Maker |
GE28F640L30T85 28F256L30 RD48F3000L0ZTQ0 28F128L30 |
1.8 Volt Intel StrataFlash㈢ Wireless Memory with 3.0-Volt I/O (L30)
|
INTEL[Intel Corporation]
|
RC28F128J3A-150 E28F128J3A-150 |
3 Volt Intel StrataFlash Memory 3伏特英特尔StrataFlash存储 3 Volt Intel StrataFlash Memory 8M X 16 FLASH 2.7V PROM, 150 ns, PDSO56
|
Intel, Corp. http://
|
E28F256J3C-110 GE28F256J3C-110 E28F256J3C-115 GE28 |
Intel StrataFlash Memory (J3) 英特StrataFlash存储器(J3 Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 10V; Case Size: 10x20 mm; Packaging: Bulk 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 16M X 16 FLASH 2.7V PROM, 125 ns, PDSO56 Intel StrataFlash Memory (J3) 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 8M X 16 FLASH 3V PROM, 150 ns, PDSO56 Intel StrataFlash Memory (J3) 8M X 16 FLASH 2.7V PROM, 120 ns, PBGA64 (TE28FxxxJ3C) Strata Flash Memory Strata Flash Memory / 256 Mbit
|
Intel, Corp. Intel Corp. http:// Intel Corporation
|
AT29BV040A AT29BV040A-20TC AT29BV040A-20TI AT29BV0 |
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory 4M bit, 2.7-Volt Read and 2.7-Volt Write Flash
|
ATMEL[ATMEL Corporation]
|
AT49F001 AT49F001T |
1-megabit 5-volt Only Flash Memory(1M5V闪速存储器) From old datasheet system 128K x 8 (1M bit), 5-Volt-Only, Top or Bottom Boot Parametric Block Flash
|
Atmel Corp.
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
AT49HF010 AT49HF010-45JC AT49HF010-45JI AT49HF010- |
1-Megabit (128K x 8) 5-volt only CMOS flash memory, 40mA active, 0.3mA standby THERMISTOR, NTC; Series:B578; Thermistor type:NTC; Resistance:3kR; Tolerance, resistance: /-1%; Beta value:3988; Temperature, lower limit, beta DB25SC37 DSUB 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
TE28F640B3XXX GE28F160B3BC70 GE28F160B3TC80 GE28F0 |
(TE28F Series) 3 Volt Advanced Boot Block Flash Memory 3 Volt Advanced Boot Block Flash Memory 1M X 16 FLASH 2.7V PROM, 70 ns, PBGA48 3 Volt Advanced Boot Block Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PBGA48 3 Volt Advanced Boot Block Flash Memory 1M X 8 FLASH 2.7V PROM, 90 ns, PBGA46 3 Volt Advanced Boot Block Flash Memory 4M X 16 FLASH 3V PROM, 100 ns, PBGA48
|
Intel Corporation Intel, Corp.
|
AT49F8192 AT49F8192- AT49F8192T-90TI AT49F8192-12R |
8-Megabit 512K x 16 5-volt Only CMOS Flash Memory 512K X 16 FLASH 5V PROM, 90 ns, PDSO48 8-Megabit 512K x 16 5-volt Only CMOS Flash Memory 512K X 16 FLASH 5V PROM, 90 ns, PDSO44 Quadruple 2-Input Positive-NAND Gate 14-TSSOP -40 to 125
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AM29LL800BB-150EC AM29LL800BB-150FIB AM29LL800BB-1 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO48 Quadruple Bus Buffer Gates With 3-State Outputs 14-SSOP -40 to 85 1M X 8 FLASH 2.2V PROM, 150 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).2伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc.
|